Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88196BLF Datasheet(PDF) 84 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 84 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 78Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 79Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 80Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 81Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 82Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 83Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 84Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 85Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 86Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
ASIX ELECTRONICS CORPORATION
84
AX88196BLF
Appendix B: Disable AX88196B voltage regulator
AX88196B integrates an on-chip 3.3V to 1.8V voltage regulator for single-power supply system design. If the
system have 1.8V power source already, user may like to disable AX88196B voltage regulator and use the existing
1.8V power source (probably a higher efficiency version). In that case, user can connect VCC3R3 (pin-14) and
GND3R3 (pin-15) to ground, keep V18F (pin-13) open, and set REGSTB bit of PMR register (Page3 Offset 0BH)
to 0 (i.e. logic "low") to avoid the leakage current. Please refer to below picture for details.
Note: If user connects the VCC3R3 to 3.3V VCC and wants to disable the internal voltage regulator of AX88196B,
the REGSTB bit of PMR register should be set to 1 to set the regulator in standby mode to reduce the leakage
current.
AX88196B
V18F
REGSTB
VCC18A
VCCK
VCC3R3
GND3R3
Keep NC without loading
Supply Analog 1.8V from existing power
source on system
Supply Digital 1.8V from existing power source
on system
Logic “low”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com