Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88190AL Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 26Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 27Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 28Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 29Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 30Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 31Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 32Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 33Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
30
6.4.4 Attribute Memory Write Timing
TcW
A[9:0], REG#
Tsu(CE-WEH)
CE#
Tsu(CE)
Tsu(A-WEH)
Th(CE)
OE#
Tsu(A)
Tw(WE)
Trec(WE)
WE#
Tv(WT-WE)
Tv(WT)
Tw(WT)
Th(OE-WE)
WAIT#
Tsu(OE-WE)
Tsu(D-WEH)
Th(D)
D[15:0](Din)
DATA Input Establish
Tdis(WE)
Ten(OE)
Tdis(OE)
Ten(WE)
D[15:0](Dout)
Symbol
Description
Min
Typ.
Max
Units
TcW
WRITE CYCLE TIME
250
-
-
ns
Tw(WE)
WRITE PULSE WIDTH
150
-
-
ns
Tsu(A)
ADDRESS SETUP TIME
30
-
-
ns
Tsu(A-WEH)
ADDRESS SETUP TIME FOR WE#
180
-
-
ns
Tsu(CE-WEH) CARD ENABLE SETUP TIME FOR WE#
180
-
-
ns
Tsu(D-WEH)
DATA SETUP TIME FOR WE#
80
-
-
ns
Th(D)
DATA HOLD TIME
30
-
-
ns
Trec(WE)
WRITE RECOVER TIME
30
-
-
ns
Tdis(WE)
OUTPUT DISABLE TIME FROM WE#
-
-
5
ns
Tdis(OE)
OUTPUT DISABLE TIME FROM OE#
-
-
5
ns
Ten(WE)
OUTPUT ENABLE TIME FROM WE#
5
-
-
ns
Ten(OE)
OUTPUT ENABLE TIME FROM OE#
5
-
-
ns
Tsu(OE-WE)
OUTPUT ENABLE SETUP TIME FROM OE#
10
-
-
ns
Th(OE-WE)
OUTPUT ENABLE HOLD TIME FROM OE#
10
-
-
ns
Tsu(CE)
CARD ENABLE SETUP TIME
0
-
-
ns
Th(CE)
CARD ENABLE HOLD TIME
20
-
-
ns
Tv(WT-WE)
WAIT# VALID FROM WE#
-
-
15
ns
Tw(WT)
WAIT# PULSE WIDTH
-
-
200
ns
Tv(WT)
WE# HIGH FROM WAIT# RELEASED
0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com