Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88190AL Datasheet(PDF) 47 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 47 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 41Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 42Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 43Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 44Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 45Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 46Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 47Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 48Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 49Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
AX88190A
10/100Mbps PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
47
Reference Bill Of Materials
Item
Quantity
Reference
Part
Reamrk
1
2
C18,C17
8p
0603
2
4
C30,C36,C38,C42
10p
0603
3
8
C9,C12,C22,C28,C32,C37,C41,C43
0.01uF
0603
4
22
C4,C5,C6,C13,C14,C15,C16,C19,C20,C21,C23,C24,C25,C26,C27,C29,C31,C33,C34,C35,C39,C40
0.1uF
0603
5
4
C1,C7,C8,C10
4.7uF/16V
1206
6
2
C11,C3
0.01u/2KV
1206
7
1
C2
P0800SA
*1
8
2
D2,D1
1N4148
SMD
9
6
D3,D4,D5,D6,D7,D8
LED
DIP
10
4
L1,L2,L3,L4
F.B
1206
11
5
R8,R18,R19,R27,R44
20
0603
12
4
R37,R38,R39,R48
75
0603
13
5
R9,R10,R35,R46,R34,R36
49.9 1%
0603
14
5
R14,R16,R17,R32,R33
510
0603
14-1
1
R31
330
0603
15
13
R1,R2,R3,R4,R5,R11,R12,R13,R15,R24,R26,R28,R43
4.7K
0603
16
2
R47,R20
9.31K 1%
0603
17
4
R6,R21,R25,R42
10K
0603
18
1
R49
1M
0603
19
1
R7
2M
0603
20
1
U5
AX88190AL
TQFP
21
1
U1
93C56
SMD
22
1
U2
LHR002
*2
23
1
U6
16ST0009P
*2
24
1
U3
DP83851
*3
25
1
U8
DP83846A
*3
26
1
U7
AMS117
SMD
27
1
Y1
25MHZ CRYSTAL
DIP
28
1
J2
RJ11
DIP
39
2
J3,J5
CON8
DIP
30
1
J4
RJ45
DIP
31
1
J1
PCMCIA-15
*4
32
1
U4
PCMCIA-68
*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com