Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88190AL Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 32Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 33Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 34Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 35Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 36Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 37Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 38Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 39Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
36
Appendix A: Application Note
A.1 Using Crystal 25MHz or 20MHz
AX88190A
To PHY
CLKO
25MHz
XTALIN
XTALOUT
25MHz
Crystal
8pf
2Mohm
8pf
Note : The capacitors (8pf) may be various depend on the specification of crystal. While designing, please
refer to the suggest circuit provided by crystal supplier.
A.2 Using Oscillator 25MHz or 20MHz
AX88190A
To PHY
CLKO
20MHz
XTALIN
XTALOUT
NC
3.3V Power OSC
20MHz
A.3 Using 60MHz Oscillator/Crystal
AX88190A
To PHY
CLKO
60MHz
CLK_DIV3#
Pull Low
20MHz
XTALIN
XTALOUT
NC
3.3V Power OSC
60MHz
Devided
By 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com