Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88190AL Datasheet(PDF) 43 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 43 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 39Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 40Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 41Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 42Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 43Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 44Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 45Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 46Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 47Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
AX88190A
10/100Mbps PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
43
RESET#
R1
4.7K
HSPDLED
TXD1
ACTLED
Set PHY address to 00000.
3.3V
GND
C13
0.1u
R17
510
TIP
3.3VA1
TXCLK
PWRLED
HCOLLED
ACTLED
3.3V
SPDLED
RXCLK
3.3V
RXD2
PWRLED
RXD3
RXD3
COLLED
CRS
HACTLED
TXEN
TXEN
PCLK
HACTLED
CRS
R14
510
C14
0.1u
3.3V
HCOLLED
R20
9.31K
1%
L1
F.B.
GND
TXCLK
RXD1
HSPDLED
TXCLK
TXD0
+
C7
4.7uF/16V
HSPDLED
3.3VA1
U3
DP83851
36
35
34
33
32
31
23
24
25
26
27
28
37
38
21
22
45
46
19
29
39
5
11
20
7
8
4
17
18
16
15
44
14
42
43
48
30
40
41
47
3
6
10
1
2
9
12
13
TXD3
TXD2
TXD1
TXD0/TXD
TX_EN
TX_CLK
RXD3/PHYAD0
RXD2/CMDDIS#
RXD1/HI_POWER_EN#
RXD0/RXD/LOW_SPEED_EN#
RX_DV/GPSI_SEL#
RX_CLK
COL/MDIO_INT_EN#
CRS/PIN_INTRP_EN#
MDIO
MDC
X1
X2
IO_VDD1
IO_VDD2
CORE_VDD
ANA_VDD2
ANA_VDD3
IO_GND1
TIP
RING
RBIAS
LED_COL/PHYAD2
LED_ACT/PHYAD1
LED_SPEED/PHYAD3
LED_POWER/PHYAD4
RESET#
RESERVED
RESERVED
RESERVED
ANA_VDD1
IO_GND2
CORE_GND
CORE_SUB(0V)
ANA_GND1
ANA_GND2
ANA_GND3
ANA_GND4
SUB_GND1
SUB_GND2
SUB_GND3
RESERVED
RESERVED
MDC
MDIO
COL
3.3V
R16
510
TIP
3.3V
C15
0.1u
TXD3
RING
COLLED
3.3VA2
3.3VA2
HCOLLED
TXD[0..3]
PCLK
TXD[0..3]
RXCLK
SPDLED
C26
0.1u
C4
0.1u
PCLK
RXDV
RING
GND
R13
4.7K
RXD[0..3]
C21
0.1u
MDC
MDIO
RXD3
R18
20
R4
4.7K
RESET#
3.3V
TXD2
GND
SPDLED
TXEN
COL
TIP
RXDV
R3
4.7K
RXD0
RXD2
HACTLED
GND
RXDV
L2
F.B.
COL
CRS
MDC
GND
RXD1
MDIO
R5
4.7K
C5
0.1u
R19
20
RXD0
ACTLED
RING
RESET#
RXD[0..3]
RXCLK
COLLED
R15
4.7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com