Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9178GTL+ Datasheet(PDF) 34 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 30Page - Analog Devices ADE9178GTL+ Datasheet HTML 31Page - Analog Devices ADE9178GTL+ Datasheet HTML 32Page - Analog Devices ADE9178GTL+ Datasheet HTML 33Page - Analog Devices ADE9178GTL+ Datasheet HTML 34Page - Analog Devices ADE9178GTL+ Datasheet HTML 35Page - Analog Devices ADE9178GTL+ Datasheet HTML 36Page - Analog Devices ADE9178GTL+ Datasheet HTML 37Page - Analog Devices ADE9178GTL+ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 34 of 122
Power-Factor (PF) Calculation:
If APF = 67114928 decimal, then:
APFCONVERTED=APF×2−27=67114928
×2−27=0.50005
(17)
To determine if the PF is leading or lagging, find the angle between
voltage and current (ANGL_xV_xI) by using the Angle Calculation
shown in this section. If the angle lies between 0° and −180°, then
the PF is lagging. If the angle lies between −180° and −360°, then
the PF is leading.
For more details, refer to the Conversion equation tab in the
Calibration and Conversion excel for calculators, available on the
product webpage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com