| Electronic Components Datasheet Search |
|
ADE9178GTL+ Datasheet(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9178GTL+ Datasheet(HTML) 52 Page - Analog Devices |
|
52 / 122 page ![]() Data Sheet ADE9178 THEORY OF OPERATION analog.com Rev. A | 52 of 122 Table 27. ERROR_STATUS Register Table (Continued) ERROR_STATUS Bit Description Possible Cause of Issue How to Debug during Development How to Handle in the Field kHz. Metrology stops processing if this bit is set to 1. ADC_INIT of ADC_CONTROL register after ADE9178 reset. and ADCs. Initialize ADCs using ADC_INIT of ADC_CONTROL register after ADE9178 reset. ADC0_STATUS0[9] ADC0 STATUS0. This bit is set when one or more bits of STATUS0 register of ADC0 are set. One or more bits in STATUS0[0:5] of ADC0 is set. STATUS0 register of ADC0 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC0_STATUS1[10] ADC0 STATUS1. This bit is set when one or more bits of STATUS1 register of ADC0 are set. One or more bits in STATUS1[1:3] of ADC0 is set. STATUS1 register of ADC0 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC0_STATUS2[11] ADC0 STATUS2. This bit is set when one or more bits of STATUS2 register of ADC0 are set. STATUS0[6] of ADC0 is set. STATUS2 register of ADC0 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC1_STATUS0[12] ADC1 STATUS0. This bit is set when one or more bits of STATUS0 register of ADC1 are set. One or more bits in STATUS0[0:5] of ADC1 is set. STATUS0 register of ADC1 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC1_STATUS1[13] ADC1 STATUS1. This bit is set when one or more bits of STATUS1 register of ADC1 are set. One or more bits in STATUS1[1:3] of ADC1 is set. STATUS1 register of ADC1 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC1_STATUS2[14] ADC1 STATUS2. This bit is set when one or more bits of STATUS2 register of ADC1 are set. STATUS0[6] of ADC1 is set. STATUS2 register of ADC1 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC2_STATUS0[15] ADC2 STATUS0. This bit is set when one or more bits of STATUS0 register of ADC2 are set. One or more bits in STATUS0[0:5] of ADC2 is set. STATUS0 register of ADC2 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC2_STATUS1[16] ADC2 STATUS1. This bit is set when one or more bits of STATUS1 register of ADC2 are set. One or more bits in STATUS1[1:3] of ADC2 is set. STATUS1 register of ADC2 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC2_STATUS2[17] ADC2 STATUS2. This bit is set when one or more bits of STATUS2 register of ADC2 are set. STATUS0[6] of ADC2 is set. STATUS2 register of ADC2 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC3_STATUS0[18] ADC3 STATUS0. This bit is set when one or more bits of STATUS0 register of ADC3 are set. One or more bits in STATUS0[0:5] of ADC3 is set. STATUS0 register of ADC3 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC3_STATUS1[19] ADC3 STATUS1. This bit is set when one or more bits of STATUS1 register of ADC3 are set. One or more bits in STATUS1[1:3] of ADC3 is set. STATUS1 register of ADC3 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ADC3_STATUS2[20] ADC3 STATUS2. This bit is set when one or more bits of STATUS2 register of ADC3 are set. STATUS0[6] of ADC3 is set. STATUS2 register of ADC3 can be read to know which error occurred. For more details and to know more about the register, refer to the Register Details section of the ADE91xx data sheet. ERROR6[21] Internal Error Occurred. Reset the ADE9178 and ADCs. Initialize ADCs using ADC_INIT Reset the ADE9178 and ADCs. Initialize ADCs using ADC_INIT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |