Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9178GTL+ Datasheet(PDF) 91 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 91 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 87Page - Analog Devices ADE9178GTL+ Datasheet HTML 88Page - Analog Devices ADE9178GTL+ Datasheet HTML 89Page - Analog Devices ADE9178GTL+ Datasheet HTML 90Page - Analog Devices ADE9178GTL+ Datasheet HTML 91Page - Analog Devices ADE9178GTL+ Datasheet HTML 92Page - Analog Devices ADE9178GTL+ Datasheet HTML 93Page - Analog Devices ADE9178GTL+ Datasheet HTML 94Page - Analog Devices ADE9178GTL+ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 91 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
AWSIGN
Phase A Active Power Sign
Bit. Sign of the active power
of phase A. The active energy
is positive if this bit is clear and
negative if this bit is set.
0x0
R
0x289
PHNOLOAD
[31:6]
RESERVED
Reserved.
0x0
R
5
CVANL
Phase C Total Apparent Energy
No Load Status. This bit is set
if the phase C total apparent
energy is in no load.
0x0
R
4
CWATTNL
Phase C Total Active Energy
No Load Status. This bit is
set if the phase C total active
energy is in no load.
0x0
R
3
BVANL
Phase B Total Apparent Energy
No Load Status. This bit is set
if the phase B total apparent
energy is in no load.
0x0
R
2
BWATTNL
Phase B Total Active Energy
No Load Status. This bit is
set if the phase B total active
energy is in no load.
0x0
R
1
AVANL
Phase A Total Apparent Energy
No Load Status. This bit is set
if the phase A total apparent
energy is in no load.
0x0
R
0
AWATTNL
Phase A Total Active Energy
No Load Status. This bit is
set if the phase A total active
energy is in no load.
0x0
R
0x295
CRC_RSLT
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
CRC_RSLT_VAL
Configuration Registers CRC
Value.
0x0
R
0x400
STATUS0
31
ZXAUX5
Auxiliary 5 Channel Zero
Crossing Detected. This bit is
set to indicate a zero crossing
is detected on the AUX5
channel.
0x0
R/W1C
30
ZXAUX4
Auxiliary 4 Channel Zero
Crossing Detected. This bit is
set to indicate a zero crossing
is detected on the AUX4
channel.
0x0
R/W1C
29
ZXAUX3
Auxiliary 3 Channel Zero
Crossing Detected. This bit is
set to indicate a zero crossing
is detected on the AUX3
channel.
0x0
R/W1C
28
ZXAUX2
Auxiliary 2 Channel Zero
Crossing Detected. This bit is
set to indicate a zero crossing
is detected on the AUX2
channel.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com