Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9178GTL+ Datasheet(PDF) 84 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 84 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 80Page - Analog Devices ADE9178GTL+ Datasheet HTML 81Page - Analog Devices ADE9178GTL+ Datasheet HTML 82Page - Analog Devices ADE9178GTL+ Datasheet HTML 83Page - Analog Devices ADE9178GTL+ Datasheet HTML 84Page - Analog Devices ADE9178GTL+ Datasheet HTML 85Page - Analog Devices ADE9178GTL+ Datasheet HTML 86Page - Analog Devices ADE9178GTL+ Datasheet HTML 87Page - Analog Devices ADE9178GTL+ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 84 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
000
Evaluation Over 64 Samples.
001
Evaluation Over 128 Samples.
010
Evaluation Over 256 Samples.
011
Evaluation Over 512 Samples.
100
Evaluation Over 1024
Samples.
101
Evaluation Over 2048
Samples.
110
Evaluation Over 4096
Samples.
111
Disable No Load Threshold.
3
RD_RST_EN
Energy Register Reset on
Read Enable. Set this bit to
enable the energy register
read with reset feature. If this
bit is set, when one of the
energy accumulation registers
is read, it is reset and begins
accumulating energy from zero.
0x0
R/W
2
EGY_LD_ACCUM
Energy Register Update Mode.
If this bit is equal to zero,
the internal energy register is
added to the user-accessible
energy register. If the bit is
set, the internal energy register
overwrites the user-accessible
energy register when the
EGYRDY event occurs.
0x0
R/W
1
EGY_TMR_MODE
Energy Accumulation Mode.
This bit determines whether
energy is accumulated based
on time (in ms) or zero-
crossing events configured in
the EGY_TIME register.
0x0
R/W
0
Time Based Accumulation.
Accumulate energy for fixed
time duration (in ms).
1
Zero-Crossing Based
Accumulation. Accumulate
energy based on the
zero crossing selected by
the ZX_SEL bits in the
ZX_LP_SEL register. Note, it
is not recommended to use
line-cycle accumulation mode.
For more details, see Silicon
Anomaly section.
0
EGY_PWR_EN
Energy Accumulators Enable.
Set this bit to enable the
energy accumulator, when the
run bit is also set.
0x0
R/W
0x0D6
WFS_CONFIG
[31:19]
RESERVED
Reserved.
0x0
R
18
AUX5_WFS_EN
Set to Enable Auxiliary 5
Channel Waveform Streaming.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com