Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC110AP Datasheet(PDF) 3 Page - Texas Instruments

Part # VFC110AP
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

VFC110AP Datasheet(HTML) 3 Page - Texas Instruments

  VFC110AP Datasheet HTML 1Page - Texas Instruments VFC110AP Datasheet HTML 2Page - Texas Instruments VFC110AP Datasheet HTML 3Page - Texas Instruments VFC110AP Datasheet HTML 4Page - Texas Instruments VFC110AP Datasheet HTML 5Page - Texas Instruments VFC110AP Datasheet HTML 6Page - Texas Instruments VFC110AP Datasheet HTML 7Page - Texas Instruments VFC110AP Datasheet HTML 8Page - Texas Instruments VFC110AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = +25°C and VS = ±15V, unless otherwise noted.
VFC110AP
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE-TO-FREQUENCY OPERATION
Nonlinearity(1): fFS = 100kHz
COS = 2.2nF, RIN = 44kΩ
0.01
0.05
%FS
fFS = 1MHz
COS = 150pF, RIN = 40kΩ
0.1
%FS
fFS = 2MHz
COS = 56pF, RIN = 34kΩ
0.02
%FS
fFS = 4MHz
COS = (Int), RIN = (Int)
1
%FS
Gain Error, f = 1MHz
COS = 150pF, RIN = 40kΩ
5
%
Gain Drift, f = 1MHz
Specified Temp Range
100
ppm/
°C
Relative to VREF
Specified Temp Range
100
ppm/
°C
PSRR
VS = ±8V to ±18V
0.1
%/V
INPUT
Full-Scale Input Current
250
500
µA
IB− (Inverting Input)
20
100
nA
IB+ (Noninverting Input)
250
nA
VOS
3
mV
VOS Drift
Specified Temp Range
35
µV/°C
INTEGRATOR AMPLIFIER OUTPUT
Output Voltage Range
RL = 2kΩ
−0.2
+VS − 4
V
Output Current Drive
5
20
mA
Capacitive Load
No Oscillations
10
nF
COMPARATOR INPUT
IB (Input Bias Current)
−5
µA
Trigger Voltage
±50
mV
Input Voltage Range
−5
+VS
V
OPEN COLLECTOR OUTPUT
VO Low
0.4
V
ILEAKAGE
0.1
1
µA
Fall Time
25
ns
Delay to Rise
25
ns
Settling Time
To Specified Linearity for a
Full-Scale Input Step
One Pulse of New Frequency Plus 1
µs
REFERENCE VOLTAGE
Voltage
4.97
5
5.03
V
Voltage Drift
50
ppm/
°C
Load Regulation
IO = 0 to 10mA
2
10
mV
PSRR
VS = ±8V to ±18V
5
mV/V
Current Limit
Short Circuit
15
20
mA
ENABLE INPUT
VHIGH (fOUT Enabled)
Specified Temp Range
2
V
VLOW (fOUT Disabled)
Specified Temp Range
0.4
V
IHIGH
0.1
µA
ILOW
1
µA
POWER SUPPLY
Voltage,
±VS
±8
±15
±18
V
Current
13
16
mA
TEMPERATURE RANGE
Specified
AP
−25
+85
°C
Storage
AP
−40
+125
°C
(1) Nonlinearity measured from 1V to 10V input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com