Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC110AP Datasheet(PDF) 1 Page - Texas Instruments

Part # VFC110AP
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

VFC110AP Datasheet(HTML) 1 Page - Texas Instruments

  VFC110AP Datasheet HTML 1Page - Texas Instruments VFC110AP Datasheet HTML 2Page - Texas Instruments VFC110AP Datasheet HTML 3Page - Texas Instruments VFC110AP Datasheet HTML 4Page - Texas Instruments VFC110AP Datasheet HTML 5Page - Texas Instruments VFC110AP Datasheet HTML 6Page - Texas Instruments VFC110AP Datasheet HTML 7Page - Texas Instruments VFC110AP Datasheet HTML 8Page - Texas Instruments VFC110AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
D HIGH-FREQUENCY OPERATION:
4MHz FS max
D EXCELLENT LINEARITY:
±0.02% typ at 2MHz
D PRECISION 5V REFERENCE
D DISABLE PIN
D LOW JITTER
APPLICATIONS
D INTEGRATING A/D CONVERSION
D PROCESS CONTROL
D VOLTAGE ISOLATION
D VOLTAGE-CONTROLLED OSCILLATOR
D FM TELEMETRY
DESCRIPTION
The
VFC110
voltage-to-frequency
converter
is
a
third-generation VFC offering improved features and
performance. These include higher frequency operation,
an onboard precision 5V reference, and a Disable
function.
The precision 5V reference can be used for offsetting the
VFC transfer function, as well as exciting transducers or
bridges. The Enable pin allows several VFCs’ outputs to
be paralleled, multiplexed, or simply to shut off the VFC.
The
open-collector
frequency
output
is
TTL-/
CMOS-compatible. The output may be isolated by using
an opto-coupler or transformer.
Internal input resistor, one-shot and integrator capacitors
simplify applications circuits. These components are
trimmed for a full-scale output frequency of 4MHz at 10V
input. No additional components are required for many
applications.
The VFC110 is packaged in a plastic 14-pin DIP. Industrial
and military temperature range gradeouts are available.
2
14
Input Common
V
IN
112
I
IN
V
OUT
11
Comparator
O ne− S ho t
V
RE F
− V
S
Analog Ground
413
5V
3
C
OS
6
8
D igital G roun d
f
OUT
10
+V
S
7
E nab le
5
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
High-Frequency
VOLTAGE-TO-FREQUENCY CONVERTER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 1998−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated. All other trademarks are the property of their respective owners.


Similar Part No. - VFC110AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110AP BURR-BROWN-VFC110AP Datasheet
98Kb / 8P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
VFC110AP TI1-VFC110AP Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC110APG4 TI1-VFC110APG4 Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC110AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
List of Unclassifed Man...
SSM2031 ETC-SSM2031 Datasheet
56Kb / 1P
HIGH FREQUENCY OSCILLATER/VOLTAGE TO FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com