Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC110AP Datasheet(PDF) 4 Page - Texas Instruments

Part # VFC110AP
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

VFC110AP Datasheet(HTML) 4 Page - Texas Instruments

  VFC110AP Datasheet HTML 1Page - Texas Instruments VFC110AP Datasheet HTML 2Page - Texas Instruments VFC110AP Datasheet HTML 3Page - Texas Instruments VFC110AP Datasheet HTML 4Page - Texas Instruments VFC110AP Datasheet HTML 5Page - Texas Instruments VFC110AP Datasheet HTML 6Page - Texas Instruments VFC110AP Datasheet HTML 7Page - Texas Instruments VFC110AP Datasheet HTML 8Page - Texas Instruments VFC110AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = ±15V, unless otherwise noted.
10pF
External One−Shot Capacitor
FULL−SCALE FREQUENCY
vs EXTERNAL ONE−SHOT CAPACITOR
100pF
1nF
10nF
100nF
10M
1M
100k
10k
R
IN =40kΩ
−50
Temperature (
_C)
QUIESCENT CURRENT vs TEMPERATURE
18
16
14
12
10
8
6
4
2
0
I
Q+
−25
0
25
50
75
100
125
I
Q
−
0
Output Current (mA)
REFERENCE VOLTAGE
vs REFERENCE LOAD CURRENT
5.01
5.00
4.99
4.98
4.97
4.96
2
4
6
8
10
12
14
16
18
20
22
Short−Circuit
Current Limit
10k
Full−Scale Frequency (Hz)
TYPICAL FULL−SCALE GAIN DRIFT
vs FULL−SCALE FREQUENCY
1000
100
10
100k
1M
10M
AGrade
10k
Full−Scale Frequency (Hz)
JITTER vs FULL−SCALE FREQUENCY
500
400
300
200
100
0
100k
1M
10M
Jitter is the ratio of the 1
σ value of the distribution of the period
(1/f
OUT, max) to the mean of the period.
FREQUENCY COUNT REPEATABILITY
vs COUNTER GATE TIME
1ms
Time
0 .001
0.0001
0.0002
0.0004
0.0006
0.0008
10ms
100ms
1s
17
18
19
This graph describes the low frequency stability of the VFC110:
the ratio of the 1
σ point of the distribution of 100 runs (where
each mean frequency came from 1000 readings for each gate
time) to the overall mean frequency.
f
FS = 100kHz
f
FS =1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com