Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC110AP Datasheet(PDF) 9 Page - Texas Instruments

Part # VFC110AP
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

VFC110AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button VFC110AP Datasheet HTML 5Page - Texas Instruments VFC110AP Datasheet HTML 6Page - Texas Instruments VFC110AP Datasheet HTML 7Page - Texas Instruments VFC110AP Datasheet HTML 8Page - Texas Instruments VFC110AP Datasheet HTML 9Page - Texas Instruments VFC110AP Datasheet HTML 10Page - Texas Instruments VFC110AP Datasheet HTML 11Page - Texas Instruments VFC110AP Datasheet HTML 12Page - Texas Instruments VFC110AP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
www.ti.com
9
MEASURING THE OUTPUT FREQUENCY
To complete an integrating A/D conversion, the output
frequency of the VFC110 must be counted. Simple
frequency counting is accomplished by counting output
pulses for a reference time (usually derived from a crystal
oscillator). This can be implemented with counter/timer
peripheral
chips
available
for
many
popular
microprocessor families. Many microcontrollers have
counter inputs that can be programmed for frequency
measurement.
Since fOUT is an open-collector device, the negative-going
edge provides the fastest logic transition. Clocking the
counter on the falling edge will provide the best results in
noisy environments.
Frequency can also be measured by accurately timing the
period of one or more cycles of the VFC output. Frequency
must then be computed since it is inversely proportional to
the measured period. This measurement technique can
provide
higher
measurement
resolution
in
short
conversion times. It is the method used in most
high-performance laboratory frequency counters. It is
usually necessary to offset the transfer function so 0V
input causes a finite frequency out. Otherwise the output
period (and therefore the conversion time) approaches
infinity.
FREQUENCY NOISE
Frequency noise (small random variation in the output
frequency) limits the useful resolution of fast frequency
measurement techniques. Long measurement time
averages the effect of frequency noise and achieves the
maximum useful resolution. The VFC110 is designed to
minimize frequency noise and allows improved useful
resolution with short measurement times. The typical
characteristic curve Frequency Count Repeatability vs
Counter Gate Time shows the effect of noise as the
counter gate time is varied. It shows the one standard
deviation (1
σ) count variation (as a percentage of FS
counts) versus counter gate time.
FREQUENCY-TO-VOLTAGE CONVERSION
The
VFC110
can
also
be
connected
as
a
frequency-to-voltage
converter
(Figure
4).
Input
frequency pulses are applied to the comparator input. A
negative-going pulse crossing 0V initiates a reference
current pulse which is averaged by the integrator op amp.
The values of the one-shot capacitor and feedback resistor
(same as RIN) are determined with Table 1. The input
frequency pulse must not remain negative for longer than
the duration of the one-shot period. Figure 4 shows the
required timing to assure this. If the negative-going input
frequency pulses are longer in duration, the capacitive
coupling circuit shown can be used. Level shift or
capacitive coupling circuitry should not provide pulses
which go lower than −5V or damage to the comparator
input may occur.
This
frequency-to-voltage
converter
operates
by
averaging (filtering) the reference current pulses triggered
on every falling edge at the frequency input. Voltage ripple
with a frequency equal to the input will be present in the
output voltage. The magnitude of this ripple voltage is
inversely proportional to the integrator capacitor. The
ripple can be made arbitrarily small with a large capacitor,
but at the sacrifice of settling time. The R-C time constant
of CINT and RIN determine the settling behavior. A better
compromise between output ripple and settling time can
be achieved by adding a low-pass filter following the
voltage output.
2
112
11
One−Shot
V
REF
413
NC
3
6
7
5
C
OS
14
NC
10
C
INT
R
IN
V
OUT = 0 to 10V
NC
− V
S
8
NC
+V
S
2.2k Ω
4.7kΩ
− V
S
1kΩ
f
IN
f
IN
1n F
12k Ω
+V
S
L ong P ulse s O K
TTL
1/10f
FS ma x
Figure 4. Frequency-to-Voltage Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com