Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5010 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5010 Datasheet HTML 3Page - Analog Devices ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices ADRF5010 Datasheet HTML 10Page - Analog Devices ADRF5010 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADRF5010
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 12
Figure 3. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 8, 9, 11,12, 13, 14
GND
Ground. These pins must be connected to the RF/DC ground of the PCB.
2
RF1
RF Port 1. No DC blocking capacitor is necessary when the RF line potential is equal to 0 V DC. For the interface
schematic, see Figure 4.
5
VDD
Positive Supply Voltage. For the interface schematic, see Figure 6.
6
CTRL
Control Input Voltage. For the interface schematic, see Figure 5.
7
VSS
Negative Supply Voltage. For the interface schematic, see Figure 7.
10
RF2
RF Port 2. No DC blocking capacitor is necessary when the RF line potential is equal to 0 V DC. For the interface
schematic, see Figure 4.
EPAD
Exposed Pad. The exposed pad must be connected to the RF/DC ground of the PCB.
INTERFACE SCHEMATICS
Figure 4. RF1, RF2 Pins Interface Schematic
Figure 5. CTL Pin Interface Schematic
Figure 6. VDD Interface Schematic
Figure 7. VSS Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com