Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5010 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices ADRF5010 Datasheet HTML 10Page - Analog Devices ADRF5010 Datasheet HTML 11Page - Analog Devices ADRF5010 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADRF5010
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 12
EVALUATION BOARD
The ADRF5010 has two power supply pins (VDD and VSS) and
one control pin (CTRL). Figure 17 shows the external components
and connections for the supply pin. The VDD and VSS pins are
decoupled with a 100 pF multilayer ceramic capacitor. The device
pin-out allows the placement of the decoupling capacitors close to
the device. No other external components are needed for bias and
operation, except DC blocking capacitors on the RF pins when the
RF lines are biased at a voltage different than 0 V. For more details,
see the Pin Configuration and Function Description section.
Figure 17. Recommended Schematic
RECOMMENDATIONS FOR PRINTED CIRCUIT
BOARD DESIGN
The RF ports are matched to 50 Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 18 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003C dielectric material. The RF trace with 14 mil width and 7
mil clearance is recommended for 1.5 mil finished copper thickness.
Figure 18. Example PCB Stack-Up
Figure 19 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with
densely filled through vias for optimal RF and thermal performance.
The primary thermal path for the device is the bottom side.
Figure 19. PCB Routing
Figure 20 shows the recommended layout from the device RF pins
to the 50 Ω CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn soldermask
defined and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width until
the package edge and tapered to RF trace. The paste mask is
designed to match the device pads without any aperture reduction.
The paste mask is divided into multiple openings for the paddle.
Figure 20. Recommended RF Pin Transition
For alternate PCB stack-ups with different dielectric thickness and
RF trace design, and for further recommendations, contact Techni-
cal Support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com