Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5010 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices ADRF5010 Datasheet HTML 10Page - Analog Devices ADRF5010 Datasheet HTML 11Page - Analog Devices ADRF5010 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
ADRF5010
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 8 of 12
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Figure 8. Insertion Loss vs. Frequency
Figure 9. Return Loss vs. Frequency, Insertion Loss
Figure 10. Return Loss vs. Frequency, Termination
Figure 11. Insertion Loss vs. Frequency over Temperature
Figure 12. Isolation Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com