Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5010 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices ADRF5010 Datasheet HTML 10Page - Analog Devices ADRF5010 Datasheet HTML 11Page - Analog Devices ADRF5010 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
ADRF5010
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 12
The ADRF5010 can interface CMOS-/LVTTL-compatible control
interfaces directly.
CTRL determines which RF ports are in the insertion loss state and
in the isolation state. For the control voltage truth table, see Table 7.
RF INPUT AND OUTPUT
The RF ports (RF1 and RF2) are DC-coupled to 0 V and no DC
blocking is required at the RF ports when the RF line potential is
equal to 0 V.
The RF ports are internally matched to 50 Ω. However, impedance
matching on transmission lines can be used to improve insertion
loss and return loss performances at high frequencies.
The ADRF5010 is bidirectional with equal power handling capabili-
ties.
The insertion loss path conducts the RF signal between the RF1
and RF2 ports. The isolation path provides high loss between RF1
and RF2 ports which are 50 Ω terminated.
The power handling of the ADRF5010 derates with frequency below
0.1 GHz. For derating of the RF power toward lower frequencies,
see Figure 2.
The ADRF5010 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp-up.
3. Power up the digital control inputs. The relative order of the log-
ic control inputs is not important. However, powering the digital
control inputs before the VDD supply can inadvertently forward
bias and damage the internal ESD protection structures.
4. Apply signals to the RF input ports.
Table 7. Control Voltage Truth Table
Digital Control Input
RFx Paths
CTRL
RF1 to RF2
Low
Insertion loss (on)
High
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com