| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 81 Page - STMicroelectronics |
|
81 / 232 page ![]() DS12288 Rev 1 81/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 5.1.7 Current consumption measurement Figure 16. Current consumption measurement The IDD_ALL parameters given in Table 21 to Table 28 represent the total MCU consumption including the current supplying VDD, VDDA and VBAT. 5.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 14: Voltage characteristics, Table 15: Current characteristics and Table 16: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Exposure to maximum rating conditions for extended periods may affect device reliability. Device mission profile (application conditions) is compliant with JEDEC JESD47 qualification standard, extended mission profiles are available on demand. Table 14. Voltage characteristics(1) 1. All main power (VDD, VDDA, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. Symbol Ratings Min Max Unit VDD - VSS External main supply voltage (including VDD, VDDA and VBAT) -0.3 4.0 V VIN(2) 2. VIN maximum must always be respected. Refer to Table 15: Current characteristics for the maximum allowed injected current values. Input voltage on FT_xxx pins except FT_c pins VSS-0.3 min (VDD, VDDA) + 4.0(3)(4) Input voltage on FT_c pins VSS-0.3 5.5 Input voltage on TT_xx pins VSS-0.3 4.0 Input voltage on any other pins VSS-0.3 4.0 |∆VDDx| Variations between different VDDX power pins of the same domain -50 mV |VSSx-VSS| Variations between all the different ground pins(5) -50 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |