| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 232 page ![]() STM32G474xB STM32G474xC STM32G474xE 2/232 DS12288 Rev 1 channels, dead time generation and emergency stop – 1 x 16-bit timer with 2 x IC/OCs, one OCN/PWM, dead time generation and emergency stop – 2 x 16-bit timers with IC/OC/OCN/PWM, dead time generation and emergency stop – 2 x watchdog timers (independent, window) – 1 x SysTick timer: 24-bit downcounter – 2 x 16-bit basic timers – 1 x low-power timer • Calendar RTC with alarm, periodic wakeup from stop/standby • Communication interfaces – 3 x FDCAN controller supporting flexible data rate – 4 x I2C Fast mode plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from stop – 5 x USART/UARTs (ISO 7816 interface, LIN, IrDA, modem control) –1 x LPUART – 4 x SPIs, 4 to 16 programmable bit frames, 2 x with multiplexed half duplex I2S interface – 1 x SAI (serial audio interface) – USB 2.0 full-speed interface with LPM and BCD support – IRTIM (infrared interface) – USB Type-C™ /USB power delivery controller (UCPD) • True random number generator (RNG) • CRC calculation unit, 96-bit unique ID • Development support: serial wire debug (SWD), JTAG, Embedded trace macrocell™ Table 1. Device summary Reference Part number STM32G474xB STM32G474CB, STM32G474MB, STM32G474RB, STM32G474VB, STM32G474QB STM32G474xC STM32G474CC, STM32G474MC, STM32G474RC, STM32G474VC, STM32G474QC STM32G474xE STM32G474CE, STM32G474ME, STM32G474RE, STM32G474VE, STM32G474QE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |