| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 86 Page - STMicroelectronics |
|
86 / 232 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 86/232 DS12288 Rev 1 VPVD4 PVD threshold 4 Rising edge 2.69 2.74 2.79 V Falling edge 2.59 2.64 2.69 VPVD5 PVD threshold 5 Rising edge 2.85 2.91 2.96 V Falling edge 2.75 2.81 2.86 VPVD6 PVD threshold 6 Rising edge 2.92 2.98 3.04 V Falling edge 2.84 2.90 2.96 Vhyst_BORH0 Hysteresis voltage of BORH0 Hysteresis in continuous mode -20 - mV Hysteresis in other mode -30 - Vhyst_BOR_PVD Hysteresis voltage of BORH (except BORH0) and PVD -- 100 - mV IDD (BOR_PVD)(2) BOR(3) (except BOR0) and PVD consumption from VDD -- 1.1 1.6 µA VPVM1 VDDA peripheral voltage monitoring (COMP/ADC) Rising edge 1.61 1.65 1.69 V Falling edge 1.6 1.64 1.68 VPVM2 VDDA peripheral voltage monitoring (OPAMP/DAC) Rising edge 1.78 1.82 1.86 V Falling edge 1.77 1.81 1.85 Vhyst_PVM1 PVM1 hysteresis - - 10 - mV Vhyst_PVM2 PVM2 hysteresis - - 10 - mV IDD (PVM1/PVM2) (2) PVM1 and PVM2 consumption from VDD -- 2 - µA 1. Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power sleep modes. 2. Guaranteed by design. 3. BOR0 is enabled in all modes (except shutdown) and its consumption is therefore included in the supply current characteristics tables. Table 19. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions(1) Min Typ Max Unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |