| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 120 Page - STMicroelectronics |
|
120 / 232 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 120/232 DS12288 Rev 1 5.3.6 Wakeup time from low-power modes and voltage scaling transition times The wakeup times given in Table 39 are the latency between the event and the execution of the first user instruction. The device goes in low-power mode after the WFE (Wait For Event) instruction. Table 39. Low-power mode wakeup timings(1) Symbol Parameter Conditions Typ Max Unit tWUSLEEP Wakeup time from Sleep mode to Run mode - 11 12 Nb of CPU cycles tWULPSLEEP Wakeup time from Low- power sleep mode to Low- power run mode - 10 11 tWUSTOP0 Wake up time from Stop 0 mode to Run mode in Flash Range 1 Wakeup clock HSI16 = 16 MHz 5.8 6 µs Range 2 Wakeup clock HSI16 = 16 MHz 18.4 19.1 Wake up time from Stop 0 mode to Run mode in SRAM1 Range 1 Wakeup clock HSI16 = 16 MHz 2.8 3 Range 2 Wakeup clock HSI16 = 16 MHz 2.9 3 tWUSTOP1 Wake up time from Stop 1 mode to Run in Flash Range 1 Wakeup clock HSI16 = 16 MHz 9.5 9.8 Range 2 Wakeup clock HSI16 = 16 MHz 21.9 22.7 Wake up time from Stop 1 mode to Run mode in SRAM1 Range 1 Wakeup clock HSI16 = 16 MHz 6.6 6.9 Range 2 Wakeup clock HSI16 = 16 MHz 6.4 6.6 Wake up time from Stop 1 mode to Low-power run mode in Flash Regulator in low-power mode (LPR=1 in PWR_CR1) Wakeup clock HSI16 = 16 MHz, with HPRE = 8 26.1 27.1 Wake up time from Stop 1 mode to Low-power run mode in SRAM1 14.4 15 tWUSTBY Wakeup time from Standby mode to Run mode Range 1 Wakeup clock HSI16 = 16 MHz 29.7 33.8 tWUSTBY SRAM2 Wakeup time from Standby with SRAM2 to Run mode Range 1 Wakeup clock HSI16 = 16 MHz 29.7 33.5 tWUSHDN Wakeup time from Shutdown mode to Run mode Range 1 Wakeup clock HSI16 = 16 MHz 267.9 274.6 tWULPRUN Wakeup time from Low- power run mode to Run mode(2) Wakeup clock HSI16 = 16 MHz with HPRE = 8 57 1. Guaranteed by characterization results. 2. Time until REGLPF flag is cleared in PWR_SR2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |