| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 153 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 153 Page - STMicroelectronics |
|
153 / 232 page ![]() DS12288 Rev 1 153/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 THD Total harmonic distortion Single ADC operation ADC clock frequency ≤ 60 MHz, 1.62 V ≤ VDDA = VREF+ ≤ 3.6 V, Continuous mode, sampling rate: Fast channels@4Msps Slow channels@2Msps Single ended Fast channel (max speed) - -73 -67 dB Slow channel (max speed) - -73 -67 Differential Fast channel (max speed) - -73 -71 Slow channel (max speed) - -73 -71 1. Guaranteed by design. 2. ADC DC accuracy values are measured after internal calibration. 3. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject negative current. 4. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when VDDA < 2.4 V). It is disabled when VDDA ≥ 2.4 V. No oversampling. Table 73. ADC accuracy - limited test conditions 3(1)(2)(3) (continued) Sym- bol Parameter Conditions(4) Min Typ Max Unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |