Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G474RC Datasheet(PDF) 227 Page - STMicroelectronics

Part # STM32G474RC
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RC Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STM32G474RC Datasheet HTML 223Page - STMicroelectronics STM32G474RC Datasheet HTML 224Page - STMicroelectronics STM32G474RC Datasheet HTML 225Page - STMicroelectronics STM32G474RC Datasheet HTML 226Page - STMicroelectronics STM32G474RC Datasheet HTML 227Page - STMicroelectronics STM32G474RC Datasheet HTML 228Page - STMicroelectronics STM32G474RC Datasheet HTML 229Page - STMicroelectronics STM32G474RC Datasheet HTML 230Page - STMicroelectronics STM32G474RC Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 232 page
background image
DS12288 Rev 1
227/232
STM32G474xB STM32G474xC STM32G474xE
Package information
229
6.9.1
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air). Available from www.jedec.org
6.9.2
Selecting the product temperature range
When ordering the microcontroller, the temperature range is specified in the ordering
information scheme shown in Section 7: Ordering information.
ΘJC
Thermal resistance junction-case
LQFP128 - 14 × 14 mm
14.5
°C/W
Thermal resistance junction-case
LQFP100 - 14 × 14 mm
14.5
Thermal resistance junction-case
LQFP80 - 12 × 12 mm
TBD
Thermal resistance junction-case
LQFP64 - 10 × 10 mm
14.7
Thermal resistance junction-case
LQFP48 - 7 × 7 mm
14.9
Thermal resistance junction-case
TFBGA100 - 8 × 8 mm
13
Thermal resistance junction-case
UFQFPN48 - 7 × 7 mm
1.5
Thermal resistance junction-case
WLCSP81 - 4.02 X 4.27 mm
1.46
ΘJB
Thermal resistance junction-board
LQFP128 - 14 × 14 mm
42.5
°C/W
Thermal resistance junction-board
LQFP100 - 14 × 14 mm
42.5
Thermal resistance junction-board
LQFP80 - 12 × 12 mm
TBD
Thermal resistance junction-board
LQFP64 - 10 × 10 mm
40.4
Thermal resistance junction-board
LQFP48 - 7 × 7 mm
38.3
Thermal resistance junction-board
TFBGA100 - 8 × 8 mm
13.42
Thermal resistance junction-board
UFQFPN48 - 7 × 7 mm
13.6
Thermal resistance junction-board
WLCSP81 - 4.02 X 4.27 mm
27.45
Table 121. Package thermal characteristics (continued)
Symbol
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com