Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56720 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DSP56720
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
35
Figure 28. Test Access Port Timing Diagram
2.2.8
Watchdog Timer Timing
For watchdog timer timing, see Table 17.
2.2.9
Host Data Interface (HDI24) Timing
The HDI24 module is only on the DSP56721 device; the DSP56720 device does not have a HDI24 module. Also, only 16 bits
of the HDI24 interface are pinned out on the DSP56721 device. See Table 18 for HDI24 timing and Figure 29, Figure 30,
Figure 30, Figure 31, Figure 32, Figure 33, Figure 34, and Figure 35 for timing diagrams.
Table 17. Watchdog Timer Timing Parameters
No.
Characteristics
Expression
Min
Max
Unit
120
Delay from time-out to fall of WDT, WDT_1
2
× T
c
10.0
–
ns
121
Delay from timer clear to rise of WDT, WDT_1
2
× Tc
10.0
–
ns
Table 18. HDI24 Timing Parameters
No.
Characteristics
2
Expression
200 MHz
Unit
Min
Max
317
Read data strobe assertion width
3
HACK read assertion width
TC + 9.9
14.9
–
ns
318
Read data strobe deassertion width
3
HACK read deassertion width
–9.9
–
ns
319
Read data strobe deassertion width
3
after “Last Data Register” reads
4,5
,
or between two consecutive CVR, ICR, or ISR reads
6
HACK deassertion width after “Last Data Register” reads
4,5
2
× T
C + 6.6
16.6
–
ns
VIH
VIL
116
117
118
119
118
TCK
(Input)
TDI
TMS
(Input)
TDO
(Output)
TDO
(Output)
TDO
(Output)
Input Data Valid
Output Data Valid
Output Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com