Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56720 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56720
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
9
Table 4. Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage
VCORE_VDD,
VPLLD_VDD
-0.3 to + 1.26
V
VPLLP_VDD,
VIO_VDD,
VPLLA_VDD,
-0.3 to + 4.0
V
Maximum CORE_VDD power supply ramp time4
Tr
10
ms
Input Voltage per pin excluding VDD and GND
VIN
GND -0.3 to 5.5V
V
Current drain per pin excluding VDD and GND
(Except for pads listed below)
I12
mA
LSYNC_OUT
Ilsync_out
16
mA
LCLK
Ilclk
16
mA
LALE
Iale
16
mA
TDO
IJTAG
24
mA
Operating temperature range3
TJ
-40 to +125
°C
Storage temperature
TSTG
-65 to +150
°C
ESD protected voltage (Human Body Model)
–
2000
V
ESD protected voltage (Charged Device)
• All pins
• Corner pins
–
500
750
V
Notes:
1.
GND = 0 V, TJ = -40°C to 125°C, CL = 50pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond the
maximum rating may affect device reliability or cause permanent damage to the device.
3.
Operating temperature qualified for consumer applications. TJ = TA + qJA x Power. Variables used were
Core Current = 900mA, I/O Current = 200mA, Core Voltage = 1.1 V, I/O Voltage = 3.6 V, TA = 105°C.
4.
If the power supply ramp to full supply time is longer than 10 ms, the POR circuitry will not operate correctly, causing erroneous
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com