Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFSQTP Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F18323-E/RFSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFSQTP Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F18323-E/RFSQTP Datasheet HTML 21Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 22Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 23Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 24Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 25Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 26Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 27Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 28Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 442 page
background image
Bank 1
CPU CORE REGISTERS; see Table 3-2 for specifics
08Ch
TRISA
―
―
TRISA5
TRISA4
―
TRISA2
TRISA1
TRISA0
--11 -111
--11 -111
08Dh
―
―
Unimplemented
―
―
08Eh
TRISC
X
―
Unimplemented
―
―
―
X
―
―
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
08Fh
―
―
Unimplemented
―
―
090h
PIE0
―
―
TMR0IE
IOCIE
―
―
―
INTE
--00 ---0
--00 ---0
091h
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
BCL1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
092h
PIE2
X
―
―
―
C1IE
NVMIE
―
―
―
NCO1IE
0000 0000
0000 0000
―
X
―
C2IE
C1IE
NVMIE
―
―
―
NCO1IE
0000 0000
0000 0000
093h
PIE3
OSFIE
CSWIE
―
―
―
―
CLC2IE
CLC1IE
0000 0000
0000 0000
094h
PIE4
―
CWG1IE
―
―
―
―
CCP2IE
CCP1IE
0000 0000
0000 0000
095h
―
―
Unimplemented
―
―
096h
―
―
Unimplemented
―
―
097h
WDTCON
―
―
WDTPS<4:0>
SWDTEN
--01 0110
--01 0110
098h
―
―
Unimplemented
―
―
099h
―
―
Unimplemented
―
―
09Ah
―
―
Unimplemented
―
―
09Bh
ADRESL
ADRESL<7:0>
xxxx xxxx
uuuu uuuu
09Ch
ADRESH
ADRESH<7:0>
xxxx xxxx
uuuu uuuu
09Dh
ADCON0
CHS<5:0>
GO/DONE
ADON
0000 0000
0000 0000
09Eh
ADCON1
ADFM
ADCS<2:0>
―
ADNREF
ADPREF<1:0>
0000 -000
0000 -000
09Fh
ADACT
―
―
―
―
ADACT<3:0>
---- 0000
---- 0000
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com