Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFSQTP Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F18323-E/RFSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFSQTP Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F18323-E/RFSQTP Datasheet HTML 29Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 30Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 31Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 32Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 33Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 34Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 35Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 36Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 442 page
background image
Bank 13
CPU CORE REGISTERS; see Table 3-2 for specifics
68Ch
―
―
Unimplemented
―
―
68Dh
―
―
Unimplemented
―
―
68Eh
―
―
Unimplemented
―
―
68Fh
―
―
Unimplemented
―
―
690h
―
―
Unimplemented
―
―
691h
CWG1CLKCON
―
―
―
―
―
―
―
CS
---- ---0
---- ---0
692h
CWG1DAT
―
―
―
―
DAT<3:0>
---- 0000
---- 0000
693h
CWG1DBR
―
―
DBR<5:0>
--00 0000
--00 0000
694h
CWG1DBF
―
―
DBF<5:0>
--00 0000
--00 0000
695h
CWG1CON0
EN
LD
―
―
―
MODE<2:0>
00-- -000
00-- -000
696h
CWG1CON1
―
―
IN
―
POLD
POLC
POLB
POLA
--x- 0000
--x- 0000
697h
CWG1AS0
SHUTDOWN
REN
LSBD<1:0>
LSAC<1:0>
―
―
0001 01--
0001 01--
698h
CWG1AS1
―
―
―
―
AS3E
AS2E(1)
AS1E
AS0E
---0 0000
---0 0000
699h
CWG1STR
OVRD
OVRC
OVRB
OVRA
STRD
STRC
STRB
STRA
0000 0000
0000 0000
69Ah-69Fh
―
―
Unimplemented
―
―
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com