Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFSQTP Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16F18323-E/RFSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFSQTP Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F18323-E/RFSQTP Datasheet HTML 91Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 92Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 93Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 94Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 95Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 96Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 97Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 98Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 95
PIC16(L)F18313/18323
REGISTER 7-9:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2
U-0
R/W/HS-0/0
R/W/HS-0/0 R/W/HS-0/0
U-0
U-0
U-0
R/W/HS-0/0
—C2IF(1)
C1IF
NVMIF
—
—
—
NCO1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS = Hardware set
bit 7
Unimplemented
: Read as ‘0’
bit 6
C2IF:
Comparator C2 Interrupt Flag bit(1)
1
= Comparator 2 interrupt asserted
0
= Comparator 2 interrupt not asserted
bit 5
C1IF:
Comparator C1 Interrupt Flag bit
1
= Comparator 1 interrupt asserted
0
= Comparator 1 interrupt not asserted
bit 4
NVMIF
: NVM Interrupt Flag bit
1
= The NVM has completed a programming task
0
= NVM interrupt not asserted
bit 3-1
Unimplemented
: Read as ‘0’
bit 0
NCO1IF:
Direct Digital Synthesizer Interrupt Flag bit
1
= The NCO has rolled over
0
= No NCO interrupt is asserted
Note 1:
Comparator C2 not available on PIC16(L)F18313 devices.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com