Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RFSQTP Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F18323-E/RFSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RFSQTP Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F18323-E/RFSQTP Datasheet HTML 26Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 27Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 28Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 29Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 30Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 31Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 32Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 33Page - Microchip Technology PIC16F18323-E/RFSQTP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 442 page
background image
Bank 7
CPU CORE REGISTERS; see Table 3-2 for specifics
38Ch
INLVLA
―
―
INLVLA5
INLVLA4
INLVLA3
INLVLA2
INLVLA1
INLVLA0
--11 1111
--11 1111
38Dh
―
―
Unimplemented
―
―
38Eh
INLVLC
X
―
Unimplemented
―
―
―
X
―
―
INLVLC5
INLVLC4
INLVLC3
INLVLC2
INLVLC1
INLVLC0
--11 1111
--11 1111
38Fh
―
―
Unimplemented
―
―
390h
―
―
Unimplemented
―
―
391h
IOCAP
―
―
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
--00 0000
--00 0000
392h
IOCAN
―
―
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
--00 0000
--00 0000
393h
IOCAF
―
―
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
--00 0000
--00 0000
394h
―
―
Unimplemented
―
―
395h
―
―
Unimplemented
―
―
396h
―
―
Unimplemented
―
―
397h
IOCCP
X
―
Unimplemented
―
―
―
X
―
―
IOCCP5
IOCCP4
IOCCP3
IOCCP2
IOCCP1
IOCCP0
--00 0000
--00 0000
398h
IOCCN
X
―
Unimplemented
―
―
―
X
―
―
IOCCN5
IOCCN4
IOCCN3
IOCCN2
IOCCN1
IOCCN0
--00 0000
--00 0000
399h
IOCCF
X
―
Unimplemented
―
―
―
X
―
―
IOCCF5
IOCCF4
IOCCF3
IOCCF2
IOCCF1
IOCCF0
--00 0000
--00 0000
39Ah
CLKRCON
CLKREN
―
―
CLKRDC<1:0>
CLKRDIV<2:0>
0--1 0000
0--1 0000
39Bh
―
―
Unimplemented
―
―
39Ch
MDCON
MDEN
―
―
MDOPOL
MDOUT
―
―
MDBIT
0--0 0--0
0--0 0--0
39Dh
MDSRC
―
―
―
―
MDMS<3:0>
---- xxxx
---- uuuu
39Eh
MDCARH
―
MDCHPOL
MDCHSYNC
―
MDCH<3:0>
-xx- xxxx
-uu- uuuu
39Fh
MDCARL
―
MDCLPOL
MDCLSYNC
―
MDCL<3:0>
-xx- xxxx
-uu- uuuu
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com