Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91M124TMA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DS91M124TMA/NOPB
Description  DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91M124TMA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS91M124TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DI
DE0
DE1
DE2
DE3
B0
A0
B1
A1
B2
A2
B3
A3
DE0
DE1
DE2
VDD
B0
A0
A1
B1
1
2
3
4
16
14
13
15
GND
DI
N/C
DE3
5
6
7
8
B2
A2
A3
B3
12
10
9
11
DS91M124
SNLS287E – AUGUST 2008 – REVISED APRIL 2013
www.ti.com
Pin Diagram
Figure 1. SOIC Package
See Package Number D0016A
Logic Diagram
Pin Descriptions
Number
Name
I/O, Type
Description
1, 2, 3, 8
DE
I, LVCMOS
Driver enable pin: When a DE pin is low, the corresponding driver output is
disabled. When a DE pin is high, the corresponding driver output is enabled.
There is a 300 k
Ω pulldown resistor on each DE pin.
6
DI
I, LVCMOS
Driver input pin.
5
GND
Power
Ground pin.
10, 11, 14, 15
A
O, M-LVDS
Non-inverting driver output pins.
9, 12, 13, 16
B
O, M-LVDS
Inverting driver output pins.
4
VDD
Power
Power supply pin, +3.3V ± 0.3V
7
N/C
N/A
NO CONNECT pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS91M124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com