Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91M124TMA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DS91M124TMA/NOPB
Description  DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91M124TMA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS91M124TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT
RT
Line Card in SLOT 1
Z0
BACKPLANE
DS91M124
Line Card in SLOT N-1
M-LVDS Receivers
RT = ZLOADED
Line Card in SLOT N
M-LVDS Receivers
RT
RT
Z0
RT
RT
Z0
RT
RT
Z0
DS91M124
www.ti.com
SNLS287E – AUGUST 2008 – REVISED APRIL 2013
DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
Check for Samples: DS91M124
1
FEATURES
DESCRIPTION
The DS91M124 is a 1:4 M-LVDS repeater for driving
2
•
DC - 125 MHz / 250 Mbps Low Jitter, Low
and distributing clock or data signals to up to four
Skew, Low Power Operation
multipoint networks.
•
Independent Driver Enable Pins
M-LVDS (Multipoint LVDS) is a new family of bus
•
Conforms to TIA/EIA-899 M-LVDS Standard
interface
devices
based
on
LVDS
technology
•
Controlled Transition Times Minimize
specifically designed for multipoint and multidrop
Reflections
cable and backplane applications. It differs from
standard LVDS in providing increased drive current to
•
8 kV ESD on M-LVDS I/O Pins Protects
handle double terminations that are required in multi-
Adjoining Components
point
applications.
Controlled
transition
times
•
Flow-Through Pinout Simplifies PCB Layout
minimize reflections that are common in multipoint
•
Industrial Operating Temperature Range
configurations due to unterminated stubs.
(
−40°C to +85°C)
A single DS91M124 channel is a 1:4 repeater that
•
Available in a Space Saving SOIC-16 Package
accepts LVTTL/LVCMOS signals at the driver inputs
and converts them to differential M-LVDS signal
APPLICATIONS
levels. It features independent driver enable pins for
each driver output.
•
Multidrop / Multipoint Clock and Data
Distribution
The DS91M124 has a flow-through pinout for easy
PCB layout. It provides a new alternative for high
•
High-Speed, Low Power, Short-Reach
speed multipoint interface applications. It is packaged
Alternative to TIA/EIA-485/422
in a space saving SOIC-16 package.
•
Clock Distribution in AdvancedTCA (ATCA)
and MicroTCA (
μTCA) Backplanes
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS91M124TMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS91M124TMA/NOPB TI1-DS91M124TMA/NOPB Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
More results

Similar Description - DS91M124TMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
1.5 Gbps 1:4 LVDS Repeater
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
50171 TI-50171 Datasheet
415Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com