Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91M124TMA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # DS91M124TMA/NOPB
Description  DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91M124TMA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS91M124TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS91M124
www.ti.com
SNLS287E – AUGUST 2008 – REVISED APRIL 2013
DC Electrical Characteristics (continued)
Over supply voltage and operating temperature ranges, unless otherwise specified.
(1)(2)(3)(4)
Parameter
Test Conditions
Min
Typ
Max
Units
IB(OFF)
Driver High-Impedance Output Power-Off Current
VA = 3.8V, VB = 1.2V
μA
DEn = 0V
0
32
0V
≤ VDD ≤ 1.5V
VA = 0V or 2.4V, VB = 1.2V
μA
DEn = 0V
−20
20
0V
≤ VDD ≤ 1.5V
VA = −1.4V, VB = 1.2V
μA
DEn = 0V
−32
0
0V
≤ VDD ≤ 1.5V
IAB(OFF)
Driver High-Impedance Output Power-Off Current
VA = VB, −1.4V ≤ V ≤ 3.8V
μA
(IA(OFF) − IB(OFF))
DEn = 0V
−4
4
0V
≤ VDD ≤ 1.5V
CA
Driver Output Capacitance
7.8
pF
CB
Driver Output Capacitance
7.8
pF
VDD = 0V
CAB
Driver Output Differential Capacitance
3
pF
CA/B
Driver Output Capacitance Balance (CA/CB)
1
ICCL
Loaded Supply Current Enabled
RL = 50Ω (All Outputs)
DI = VDD or GND
65
75
mA
DEn = VDD or GND (All
Outputs)
ICCZ
No Load Supply Current Disabled
DI = VDD or GND,
19
24
mA
DEn = GND (All Outputs)
Switching Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified.
(1) (2) (3)
Parameter
Test Conditions
Min
Typ
Max
Units
tPHL
Differential Propagation Delay High to Low
1.8
3.9
6.5
ns
tPLH
Differential Propagation Delay Low to High
1.8
3.9
6.5
ns
tSKD1
Differential Pulse Skew |tPHL − tPLH|
(4) (5)
0
25
100
ps
RL = 50Ω
tSKD2
Channel-to-Channel Skew (4) (6)
0
70
250
ps
CL = 5 pF,
CD = 0.5 pF
tSKD3
Differential Part-to-Part Skew (4) (7)
0
1.5
2
ns
Figure 7
(Constant TA and VDD)
Figure 8
tSKD4
Differential Part-to-Part Skew (4) (8)
0
4.7
ns
tTLH
Rise Time (4)
1.1
2.0
3.0
ns
tTHL
Fall Time (4)
1.1
2.0
3.0
ns
tPHZ
Disable Time High to Z
6
11
ns
RL = 50Ω
CL = 5 pF,
tPLZ
Disable Time Low to Z
6
11
ns
CD = 0.5 pF
tPZH
Enable Time Z to High
6
11
ns
Figure 9
Figure 10
tPZL
Enable Time Z to Low
6
11
ns
fMAX
Maximum Operating Frequency (4)
125
MHz
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms for VDD = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(3)
CL includes fixture capacitance and CD includes probe capacitance.
(4)
Specification is ensured by characterization and is not tested in production.
(5)
tSKD1, |tPLHD − tPHLD|, Pulse Skew, is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
(6)
tSKD2, Channel-to-Channel Skew, is the difference in propagation delay (tPLHD or tPHLD) among all output channels.
(7)
tSKD3, Part-to-Part Skew, is defined as the difference between the minimum and maximum differential propagation delays. This
specification applies to devices at the same VDD and within 5°C of each other within the operating temperature range.
(8)
tSKD4, Part-to-Part Skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS91M124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com