Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91M124TMA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # DS91M124TMA/NOPB
Description  DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91M124TMA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS91M124TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91M124TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS91M124
www.ti.com
SNLS287E – AUGUST 2008 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Power Supply Voltage
−0.3V to +4V
LVCMOS Input Voltage
−0.3V to (VDD + 0.3V)
M-LVDS Output Voltage
−1.9V to +5.5V
M-LVDS Output Short Circuit Current Duration
Continuous
Junction Temperature
+140°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
Soldering (4 sec.)
+260°C
Maximum Package Power Dissipation @ +25°C
D0016A Package
2.21W
Derate D0016A Package
19.2 mW/°C above +25°C
Package Thermal Resistance (4-Layer, 2 oz. Cu, JEDEC)
θJA
+52°C/W
θJC
+19°C/W
ESD Susceptibility
HBM (3)
≥8 kV
MM (4)
≥250V
CDM (5)
≥1250V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. JESD22-A114C
(4)
Machine Model, applicable std. JESD22-A115-A
(5)
Field Induced Charge Device Model, applicable std. JESD22-C101-C
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage, VDD
3.0
3.3
3.6
V
Voltage at Any Bus Terminal (Separate or Common-Mode)
−1.4
+3.8
V
LVTTL Input Voltage High VIH
2.0
VDD
V
LVTTL Input Voltage Low VIL
0
0.8
V
Operating Free Air
Temperature TA
−40
+25
+85
°C
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS91M124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com