Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB608 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB608
Description  Reflective Object Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB608 Datasheet(HTML) 4 Page - TT Electronics.

  OPB608 Datasheet HTML 1Page - TT Electronics. OPB608 Datasheet HTML 2Page - TT Electronics. OPB608 Datasheet HTML 3Page - TT Electronics. OPB608 Datasheet HTML 4Page - TT Electronics. OPB608 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Reflective Object Sensor
OPB608A, OPB608B, OPB608R, OPB608V
Obsolete (OPB608C)
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev F 05/2022 Page 4
Performance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
IF - Forw ard Current - mA
Collector Current vs Diode Forward Current
OPB608R
OPB608V
OPB608
Vce = 5 Volts
Standard Test Conditions
OPB608 @ 20mA
Kodak 90% at 0.05"
Collector Current vs Ambient Temp.
0%
20%
40%
60%
80%
100%
120%
140%
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Ta - Ambient Temperature - °C
OPB608R
OPB608
OPB608V
Normalized at 25°C for each
product type
Vce = 5 Volts
IF = 20 mA (OPB608
and OPB608R)
IF = 10 mA (OPB608V)
Distance = 0.053"
Rise and Fall vs Load Resistance
0
20
40
60
80
100
120
140
160
180
0
1000
2000
3000
4000
5000
RL - Load resistance - Ohms
OPB608R - Tr
OPB608R - Tf
OPB608 - Tr
OPB608 - Tf
OPB608V - Tr
OPB608V - Tf
10%Dut y Cycle
1msPulse Widt h
Vce =5 Volt s
IF =20 mA (OPB608 and
OPB608R)
IF =10 mA (OPB608V)
Dist ance =0.057"
Kodak 90%Card Normalized Output vs
Object Distance
0.00
0.01
0.10
1.00
10.00
100.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Object Distance (inches)
OPB608
OPB608R
OPB608V
Normalized with OP B608 Kodak 90% at 0.05"
Test ing Condit ion:
VCE=5 Volt s
IF =20mA (OPB608
and OPB608R)
IF =10mA (OPB608V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com