Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB608 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB608
Description  Reflective Object Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB608 Datasheet(HTML) 2 Page - TT Electronics.

  OPB608 Datasheet HTML 1Page - TT Electronics. OPB608 Datasheet HTML 2Page - TT Electronics. OPB608 Datasheet HTML 3Page - TT Electronics. OPB608 Datasheet HTML 4Page - TT Electronics. OPB608 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reflective Object Sensor
OPB608A, OPB608B, OPB608R, OPB608V
Obsolete (OPB608C)
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev F 05/2022 Page 2
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40° C to +85° C
Operating Temperature Range
OPB608 A, B, & R
OPB608V
-40° C to +85° C
0° C to +70° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 sec. with soldering iron]
(1)
260° C
Total Power Dissipation
100 mW
OPB608A, OPB608B (Infrared-LED — 890 nm)
Forward DC Current
50 mA
Peak Forward Current (1 μs pulse width, 300 pps)
3 A
Reverse DC Voltage
2 V
OPB608R (Visible Red-LED — 660 nm)
Forward DC Current
50 mA
Reverse DC Voltage
5 V
OPB608V (Infrared-VCSEL — 850 nm)
Forward DC Current
12 mA
Reverse DC Voltage
5 V
Phototransistor
Collector-Emitter Voltage
30 V
Emitter Reverse Current
10 mA
Collector DC Current
25 mA
Electrical Specifications
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
Methanol or isopropanol are recommended as cleaning agents. The plastic housing is soluble in chlorinated hydrocarbons and keytones.
4
1
3
2
Pin #
LED
Pin #
Transistor
4
Cathode
1
Collector
3
Anode
2
Emitter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com