Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB608 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB608
Description  Reflective Object Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB608 Datasheet(HTML) 3 Page - TT Electronics.

  OPB608 Datasheet HTML 1Page - TT Electronics. OPB608 Datasheet HTML 2Page - TT Electronics. OPB608 Datasheet HTML 3Page - TT Electronics. OPB608 Datasheet HTML 4Page - TT Electronics. OPB608 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Reflective Object Sensor
OPB608A, OPB608B, OPB608R, OPB608V
Obsolete (OPB608C)
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev F 05/2022 Page 3
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Infrared-LED (890 nm)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Infrared-LED (660 nm)
VF
Forward Voltage
-
1.9
2.5
V
IF = 20 mA
VR
Reverse Voltage
5
-
-
V
IR = 10 µA
Infrared VCSEL (850 nm)
VF
Forward Voltage
-
-
2.2
V
IF = 7 mA
IR
Reverse Current
-
-
30
nA
VR = 5 V
ITH
Threshold Current
2
-
5.5
mA
-
Θ
Beam Divergence
-
12
-
Deg.
IF = 12 mA
Phototransistor
V(BR)CEO
Collector Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA, EE = 0 µW/cm
2
V(BR)ECO
Emitter Collector Breakdown Voltage
0.4
-
-
V
IE = 100 µA, EE = 0 µW/cm
2
VCE(SAT)
Saturation Voltage
-
-
.40
V
IC = 100 µA, IF = 20 mA, d = 0.053”
ICEO
Collector Emitter Dark Current
-
-
100
nA
VCE = 5 V, EE = ≤ .10 µW/cm
2, IF = 0
Combined
IC(ON)
On-State Collector Current
OPB608A
OPB608B
OPB608R
2
1
1
-
-
-
-
4
6
mA
VCE = 5 V, IF = 20 mA, d = 0.053 inch (1.35
mm)
(1)(2)
OPB608V
5
-
-
VCE = 5 V, IF = 10 mA, d = 0.053 inch (1.35
mm)
(1)(2)
IC(OFF)
Off-State Collector Current
LED
VCSEL
-
-
-
-
100
100
nA
No reflective surface, VCE = 5 V
IF = 20 mA
IF = 10 mA
Electrical Specifications
Notes:
(1)
Distance from the front of the lens to reflective surface.
(2)
Measured using Eastman Kodak gray card. The white side of the card is used as a 90 % diffuse reflective surface. Reference Eastman Kodak
catalog #E152 7795.
(3)
All parameters are tested using pulse techniques.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com