Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB608 Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB608
Description  Reflective Object Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB608 Datasheet(HTML) 5 Page - TT Electronics.

  OPB608 Datasheet HTML 1Page - TT Electronics. OPB608 Datasheet HTML 2Page - TT Electronics. OPB608 Datasheet HTML 3Page - TT Electronics. OPB608 Datasheet HTML 4Page - TT Electronics. OPB608 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Reflective Object Sensor
OPB608A, OPB608B, OPB608R, OPB608V
Obsolete (OPB608C)
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev F 05/2022 Page 5
Performance
OPB608
OPB608R
Black Thermal Paper
Thermal Paper
0
200
400
600
800
1000
1200
Reflective Response
Reflective Response
OPB608V
OPB608
OPB608R
White Plastic
Silver Tape
0
500
1000
1500
2000
2500
3000
Reflective Response
Reflective Response
Reflective Response
OPB608V
OPB608
OPB608R
Copier 20% Black
Laser 20% Black
Laserjet 20% Black
Inkjet 20% Black
0
1000
2000
3000
4000
5000
6000
Reflective Response
OPB608V
OPB608
OPB608R
Inkjet Magenta
Inkjet Cyan
Inkjet Yellow
Inkjet Green
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Reflective Response
Reflective Response
OPB608V
OPB608
OPB608R
Gray 18%
White 90%
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Reflective Response
Relative Response
OPB608V
OPB608
OPB608R
Copier Black
Inkjet Black
Laserjet Black
0
10
20
30
40
50
60
70
80
90
100
Relative Response
Reflective Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com