Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6912. Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDS6912.
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6912. Datasheet(HTML) 4 Page - ON Semiconductor

  FDS6912. Datasheet HTML 1Page - ON Semiconductor FDS6912. Datasheet HTML 2Page - ON Semiconductor FDS6912. Datasheet HTML 3Page - ON Semiconductor FDS6912. Datasheet HTML 4Page - ON Semiconductor FDS6912. Datasheet HTML 5Page - ON Semiconductor FDS6912. Datasheet HTML 6Page - ON Semiconductor FDS6912. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDS6912 Rev E (W)
Typical Characteristics
011
223
3
0
6
12
18
24
30
V
,D RAIN-SOUR CE VOLTAGE (V)
3.0V
4.0V
4.5V
DS
V
= 10V
GS
5.0V
6.0V
3.5V
0.8
1
1.2
1.4
1.6
1.8
2
0
10
2030
4050
ID, DRAIN CURRENT (A)
VGS = 4.0V
6.0V
5.0V
4.5V
7.0V
10V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
T , JUNCTION TEMPERATURE (°C)
V
=10V
GS
I = 6.3A
D
J
I = 3.0A
D
T = 125 C
A
25 C
o
o
GS
2
468
10
1
2
3
4
5
6
7
8
V
,GATE-SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
12
34
5
0
5
10
15
20
V
, GATE TO SOURCE VOLTAGE (V)
25°C
125°C
V
= 5V
DS
GS
T = -55°C
J
0.0001
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
o
C
25
o
C
-55
o
C
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com