Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6912. Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDS6912.
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6912. Datasheet(HTML) 3 Page - ON Semiconductor

  FDS6912. Datasheet HTML 1Page - ON Semiconductor FDS6912. Datasheet HTML 2Page - ON Semiconductor FDS6912. Datasheet HTML 3Page - ON Semiconductor FDS6912. Datasheet HTML 4Page - ON Semiconductor FDS6912. Datasheet HTML 5Page - ON Semiconductor FDS6912. Datasheet HTML 6Page - ON Semiconductor FDS6912. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDS6912 Rev E (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
20
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
TJ = 55
°C
1
10
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 25 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –25 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
12
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 6 A
TJ = 125
°C
0.024
0.034
0.028
0.048
VGS = 4.5 V,
ID = 4.9 A
0.035
0.042
Ω
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
20
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 6 A
20
S
Dynamic Characteristics
Ciss
Input Capacitance
740
pF
Coss
Output Capacitance
170
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
75
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
16
ns
tr
Turn–On Rise Time
13
24
ns
td(off)
Turn–Off Delay Time
18
29
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
Ω
816
ns
Qg
Total Gate Charge
7
10
nC
Qgs
Gate–Source Charge
3.8
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 6 A,
VGS = 5 V
2.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.3 A
(Note 2)
0.75
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 78°/W when
mounted on a 0.5in
2
pad of 2 oz copper
b) 125°/W when
mounted on a 0.02
in
2 pad of 2 oz
copper
c) 135°/W when mounted on a
minimum mounting pad.
Scale 1 : 1 on letter size paper
2.
Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com