Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6912. Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDS6912.
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6912. Datasheet(HTML) 2 Page - ON Semiconductor

  FDS6912. Datasheet HTML 1Page - ON Semiconductor FDS6912. Datasheet HTML 2Page - ON Semiconductor FDS6912. Datasheet HTML 3Page - ON Semiconductor FDS6912. Datasheet HTML 4Page - ON Semiconductor FDS6912. Datasheet HTML 5Page - ON Semiconductor FDS6912. Datasheet HTML 6Page - ON Semiconductor FDS6912. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
July 2000
2000 Fairchild Semiconductor Corporation
FDS6912 Rev F (W)
FDS6912
Dual N-Channel Logic Level PWM Optimized PowerTrench
 MOSFET
General Description
These N-Channel Logic Level MOSFETs have been
designed specifically to improve the overall efficiency of
DC/DC
converters
using
either
synchronous
or
conventional switching PWM controllers.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
RDS(ON) specifications.
The result is a MOSFET that is easy and safer to drive
(even at very high frequencies), and DC/DC power
supply designs with higher overall efficiency.
Features
• 6 A, 30 V.
RDS(ON) = 0.028
Ω @ V
GS = 10 V
RDS(ON) = 0.042
Ω @ V
GS = 4.5 V.
• Optimized for use in switching DC/DC converters
with PWM controllers
• Very fast switching.
• Low gate charge
S2
SO-8
G2
S1
G1
D2
D2
D1
D1
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±25
V
ID
Drain Current
– Continuous
(Note 1a)
6A
– Pulsed
20
Power Dissipation for Dual Operation
2
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
PD
(Note 1c)
0.9
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6912
FDS6912
13’’
12mm
2500 units



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com