Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG8010DX16 Datasheet(PDF) 3 Page - CHIP GOAL ELECTRONICS CORP

Part # CG8010DX16
Description  POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPGOAL [CHIP GOAL ELECTRONICS CORP]
Direct Link  http://www.chipgoal.com/
Logo CHIPGOAL - CHIP GOAL ELECTRONICS CORP

CG8010DX16 Datasheet(HTML) 3 Page - CHIP GOAL ELECTRONICS CORP

  CG8010DX16 Datasheet HTML 1Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 2Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 3Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 4Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 5Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 6Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 7Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 8Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 9Page - CHIP GOAL ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CG8010
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
October 4, 2007 – Rev. 0.30
datasheet
YT
2
PIN DESCRIPTION
Pin
Symbol
Type
Function
1
V33
I
OVP, UVP for +3.3V
2
V5
I
OVP, UVP for +5V
3
V12
I
OVP, UVP for +12V
4
PT
I
Extra protection input
5
GND
-
Ground
6
RT
-
Oscillation frequency setting resistor
7
OP1
O
PWM output1
8
OP2
O
PWM output2
9
REM
I
Remote ON/OFF control input
10
SS
-
Soft start function setting capacitor
11
PG
O
Power good signal
12
SEN
I
Sense signal input
13
VCC
I
Supply voltage
14
COMP
O
Error amplifier output
15
NEG
I
Error amplifier (-) input
16
POS
I
Error amplifier (+) input
FUNCTION BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com