Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG8010DX16 Datasheet(PDF) 7 Page - CHIP GOAL ELECTRONICS CORP

Part # CG8010DX16
Description  POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPGOAL [CHIP GOAL ELECTRONICS CORP]
Direct Link  http://www.chipgoal.com/
Logo CHIPGOAL - CHIP GOAL ELECTRONICS CORP

CG8010DX16 Datasheet(HTML) 7 Page - CHIP GOAL ELECTRONICS CORP

  CG8010DX16 Datasheet HTML 1Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 2Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 3Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 4Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 5Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 6Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 7Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 8Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 9Page - CHIP GOAL ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CG8010
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
October 4, 2007 – Rev. 0.30
datasheet
YT
6
4.PT
PT Voltage Level
Function
PT>1.25V
Over voltage protection
PT<0.62V
Disable under voltage check function
5.REM
In some application circuits, adding a resistor in series with the REM pin could reduce the noise spike and avoid the pin from
damage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com