Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG8010DX16 Datasheet(PDF) 6 Page - CHIP GOAL ELECTRONICS CORP

Part # CG8010DX16
Description  POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPGOAL [CHIP GOAL ELECTRONICS CORP]
Direct Link  http://www.chipgoal.com/
Logo CHIPGOAL - CHIP GOAL ELECTRONICS CORP

CG8010DX16 Datasheet(HTML) 6 Page - CHIP GOAL ELECTRONICS CORP

  CG8010DX16 Datasheet HTML 1Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 2Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 3Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 4Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 5Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 6Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 7Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 8Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 9Page - CHIP GOAL ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CG8010
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
October 4, 2007 – Rev. 0.30
datasheet
YT
5
APPLICATION HINTS
1. Input Impedence
Pin Name
Input Impedence
V33
52KΩ
V5
81KΩ
V12
52KΩ
PT
Pull-high to VCC= 24 KΩ
Pull-low to GND= 4.7 KΩ
2. Soft Start
Iss = 15uA (RT=100KΩ)
3. PWM Frequency
Tpwm= K2 · RT
K2 = 1.3·10-10
Example.
RT = 100KΩ
Tpwm = (1.33·10-10) · (100 ·103 ) = 13.3us
Fpwm = 75KHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com