Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG8010DX16 Datasheet(PDF) 4 Page - CHIP GOAL ELECTRONICS CORP

Part # CG8010DX16
Description  POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPGOAL [CHIP GOAL ELECTRONICS CORP]
Direct Link  http://www.chipgoal.com/
Logo CHIPGOAL - CHIP GOAL ELECTRONICS CORP

CG8010DX16 Datasheet(HTML) 4 Page - CHIP GOAL ELECTRONICS CORP

  CG8010DX16 Datasheet HTML 1Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 2Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 3Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 4Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 5Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 6Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 7Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 8Page - CHIP GOAL ELECTRONICS CORP CG8010DX16 Datasheet HTML 9Page - CHIP GOAL ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CG8010
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
October 4, 2007 – Rev. 0.30
datasheet
YT
3
ABSOLUTE MAXIMUN RATINGS
PARAMETER
MIN
MAX
UNITS
Supply Voltage
VCC
-0.3
7
V
Input Voltage
V33,V5,V12,PT,REMB,SEN,POS,NEG
-0.3
7
V
Output Voltage
OP1,OP2,PG,COMP
-0.3
7
V
Operating Temperature Range
TO
-20
+85
oC
Storage Temperature Range
TS
-65
150
oC
ELECTRICAL CHARACTERISTICS
( For VCC=5V and Tj=25
oC )
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Over Voltage Protection (OVP- V33,V5,V12,PT)
OV33
3.8
4.1
4.4
V
OV5
5.8
6.2
6.6
V
OV12
4.4
4.6
4.9
V
Over voltage threshold
PT
1.23
1.28
1.33
V
Noise debounce time
Tg.ov
510
us
Under Volatge Protection (UVP- V33,V5,V12)
UV33
1.7
1.9
2.2
V
UV5
2.7
3.0
3.3
V
Under voltage threshold
UV12
2.1
2.4
2.7
V
Noise debounce time
Tg.uv
120
us
PG check under voltage
delay time
Td.uv
180
280
380
ms
Soft Start (SS)
Sink current
Isink
RT=100 KΩ
15
uA
Source current
Isource
310
uA
VCC Under Voltage Lockout (UVLO)
Start-up voltage
4.2
V
REM Input Pin (REM)
High level input voltage
VIH
1.8
V
Low level input voltage
VIL
0.7
V
REM delay time
Td.on/off
40
ms
Power Good (PG)
PG delay time
Td.pg
180
280
380
ms
SEN voltage threshold
0.68
V
Sink current
Ipg.sink
VPG=0.2V
10
mA
Output load resistor
Rload
0.5
1
2
KΩ
PG internal pull high
resistor
Rpull.up
5
KΩ
Oscillation Frequency
PWM frequency
Fosc
RT=100 KΩ
70
75
80
KHz
Error Amplifier (POS,NEG,COMP)
Reference voltage
Vref
Vneg
2.40
2.45
2.50
V
Open loop gain
Avo
75
85
dB
Unity gain bandwidth
BW
0dB
1
MHz
Power supply rejection
ratio
PSRR
45
dB
Total Device
Supply current
ICC
REM = 5V
6
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com