| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 168 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 168 Page - Cirrus Logic |
|
168 / 363 page ![]() WM8994 168 Rev 4.6 WM8994 Processor WM8994 or Similar CODEC ADCDAT ADCLRC DACDAT BCLK ADCDAT ADCLRC DACDAT BCLK Figure 49 TDM with Processor as Master Note: The WM8994 is a 24-bit device. If the user operates the WM8994 in 32-bit mode then the 8 LSBs will be ignored on the receiving side and not driven on the transmitting side. It is therefore recommended to add a pull-down resistor if necessary to the DACDAT line and the ADCDAT line in TDM mode. AUDIO DATA FORMATS (NORMAL MODE) The audio data modes supported by the WM8994 are described below. Note that the polarity of the BCLK and LRCLK signals can be inverted if required; the following descriptions all assume the default, non-inverted polarity of these signals. In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRCLK transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles after each LRCLK transition. n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/fs LRCLK BCLK DACDAT/ ADCDAT Figure 50 Right Justified Audio Interface (assuming n-bit word length) In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |