| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 169 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 169 Page - Cirrus Logic |
|
169 / 363 page ![]() WM8994 Rev 4.6 169 n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/fs LRCLK BCLK DACDAT/ ADCDAT Figure 51 Left Justified Audio Interface (assuming n-bit word length) In I2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of the next. n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/fs LRCLK BCLK DACDAT/ ADCDAT 1 BCLK 1 BCLK Figure 52 I2S Justified Audio Interface (assuming n-bit word length) In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge of BCLK (selectable by AIF_LRCLK_INV) following a rising edge of LRCLK. Right channel data immediately follows left channel data. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles between the LSB of the right channel data and the next sample. In device master mode, the LRCLK output will resemble the frame pulse shown in Figure 53 and Figure 54. In device slave mode, Figure 55 and Figure 56, it is possible to use any length of frame pulse less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period before the rising edge of the next frame pulse. n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/fs LRCLK BCLK DACDAT/ ADCDAT 1 BCLK Figure 53 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Master) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |