| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 175 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 175 Page - Cirrus Logic |
|
175 / 363 page ![]() WM8994 Rev 4.6 175 When the GPIO1 pin is configured as ADCLRCLK1, then the ADCLRCLK1 frequency is controlled relative to BCLK1 by the AIF1ADC_RATE divider. In this case, the ADCLRCLK1 is dedicated to AIF1 output, and the LRCLK1 pin is dedicated to AIF1 input, allowing different sample rates to be supported in the two paths. In Master mode, with GPIO1 pin configured as ADCLRCLK1, this output is enabled when any of the AIF1 ADC channels is enabled. The ADCLRCLK1 signal can also be enabled in Slave mode, using the AIF1ADC_LRCLK_DIR bit, allowing mixed master and slave modes. When the GPIO1 pin is not configured as ADCLRCLK1, then the LRCLK1 signal applies to the ADC and DAC channels, at a rate set by AIF1DAC_RATE. See “General Purpose Input/Output” for the configuration of GPIO1. Note that, in Ultrasonic (4FS) mode, the GPIO1 pin must be configured as ADCLRCLK1. The BCLK1 output can be inverted using the AIF1_BCLK_INV register bit. The LRCLK1 and ADCLRCLK1 output (when selected) can be inverted using the AIF1_LRCLK_INV register control. Note that in Slave mode, when BCLK1 is an input, the AIF1_BCLK_INV register selects the polarity of the received BCLK1 signal. Under default conditions, DACDAT1 input is captured on the rising edge of BCLK1, as illustrated in Figure 5. When AIF1_BCLK_INV = 1, DACDAT1 input is captured on the falling edge of BCLK1. The AIF1 clock generators are controlled as illustrated in Figure 62. AIF1 CLOCK OUTPUT CONTROL BCLK1 enable AIF1CLK /AIF1_BCLK_DIV AIF1DAC_LRCLK_DIR BCLK1 enable /AIF1DAC_RATE LRCLK1 AIF1DAC1L_ENA AIF1DAC1R_ENA AIF1DAC2L_ENA AIF1DAC2R_ENA AIF1ADC1L_ENA AIF1ADC1R_ENA AIF1ADC2L_ENA AIF1ADC2R_ENA GP1_FN != 0 AIF1_CLK_FRC AIF1ADC_LRCLK_DIR GP1_FN != 0 AIF1_CLK_FRC AIF1_MSTR AIF1_LRCLK_FRC AIF1_MSTR AIF1_MSTR AIF1ADC_LRCLK_DIR BCLK1 enable /AIF1ADC_RATE ADCLRCLK1 (GPIO1) AIF1_CLK_FRC AIF1ADC1L_ENA AIF1ADC1R_ENA AIF1ADC2L_ENA AIF1ADC2R_ENA AIF1_LRCLK_FRC GP1_FN = 0 Note: GPIO1 is configured as ADCLRCLK1 when GP1_FN = 0 Note: LRCLK1 provides clocking for the DAC and ADC channels of AIF1 when GP1_FN != 0 Figure 62 Audio Interface 1 - BCLK and LRCLK Control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |