| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 214 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 214 Page - Cirrus Logic |
|
214 / 363 page ![]() WM8994 214 Rev 4.6 If the device ID matches the device ID of the WM8994, the data transfer continues as described below. The controller indicates the end of data transfer with a low to high transition on SDAT while SCLK remains high. After receiving a complete address and data sequence the WM8994 returns to the idle state and waits for another start condition. If a start or stop condition is detected out of sequence at any point during data transfer (i.e. SDAT changes while SCLK is high), the device returns to the idle condition. The WM8994 supports the following read and write operations: Single write Single read Multiple write using auto-increment Multiple read using auto-increment The sequence of signals associated with a single register write operation is illustrated in Figure 72. A9 D7 D1 A15 SDA SCLK device ID data bits B15 – B8 A8 B15 B8 B1 B0 Note: The SDA pin is used as input for the control register address and data; SDA is pulled low by the receiving device to provide the acknowledge (ACK) response R/W B9 B7 register address A15 - A8 data bits B7 – B0 START (Write) ACK ACK ACK STOP ACK A1 A7 A0 register address A7 - A0 ACK Figure 72 Control Interface 2-wire (I2C) Register Write The sequence of signals associated with a single register read operation is illustrated in Figure 73. device ID B9 B8 D1 B15 data bits B15 – B8 ACK R/W (Read) B1 B0 B7 data bits B7 – B0 ACK STOP ACK A9 D7 D1 A15 SDA SCLK device ID device ID A8 D7 Note: The SDA pin is driven by both the master and slave devices in turn to transfer device address, register address, data and ACK responses R/W register address A15 – A8 START (Write) ACK ACK Rpt START A1 A7 A0 register address A7 – A0 Figure 73 Control Interface 2-wire (I2C) Register Read The Control Interface also supports other register operations, as listed above. The interface protocol for these operations is summarised below. The terminology used in the following figures is detailed in Table 120. Note that, for multiple write and multiple read operations, the auto-increment option must be enabled. This feature is enabled by default, as noted in Table 118. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |