| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 217 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 217 Page - Cirrus Logic |
|
217 / 363 page ![]() WM8994 Rev 4.6 217 4-WIRE (SPI) CONTROL MODE The 4-wire control interface uses the CS ¯¯ , SCLK, SDA and SDOUT pins. The SDOUT function must be enabled on one of the GPIO pins (see “General Purpose Input/Output”). The Data Output pin, SDOUT, can be configured as CMOS or ‘Wired OR’, as described in Table 118. In CMOS mode, SDOUT is driven low when not outputting register data bits. In ‘Wired OR’ mode, SDOUT is undriven (high impedance) when not outputting register data bits. In Write operations (R/W=0), this mode is the same as 3-wire mode described above. In Read operations (R/W=1), the SDA pin is ignored following receipt of the valid register address. SDOUT is driven by the WM8994. When SPI Continuous Read mode is enabled (SPI_CONTRD = 1), the WM8994 will readback from incremental register addresses as long as CS ¯¯ is held low and SCLK is toggled. In this mode, the WM8994 will increment the readback address after the first 32 clock cycles, and will output data from the next register address, and successive register addresses, MSB first, for as long as CS ¯¯ is held low and SCLK is toggled. An internal pull-down resistor is enabled by default on the CS ¯¯ /ADDR pin; this can be configured using the CSNADDR_PD register bit described in Table 118. The 4-wire control mode timing is illustrated in Figure 80 and Figure 81. A14 A13 A12 A2 A1 SDA SCLK 15-bit control register address 16-bit control register data SDOUT A0 X X X X X X X B15 B14 B13 B2 B0 B2 B1 R/W CS Figure 80 4-Wire Readback (CMOS) A14 A13 A12 A2 A1 SDA SCLK 15-bit control register address 16-bit control register data SDOUT A0 X X X X X X B15 B14 B13 B2 B0 B1 R/W CS undriven undriven Figure 81 4-Wire Readback (Wired- ‘OR’) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |