Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 7Page - STMicroelectronics TDA7546TR Datasheet HTML 8Page - STMicroelectronics TDA7546TR Datasheet HTML 9Page - STMicroelectronics TDA7546TR Datasheet HTML 10Page - STMicroelectronics TDA7546TR Datasheet HTML 11Page - STMicroelectronics TDA7546TR Datasheet HTML 12Page - STMicroelectronics TDA7546TR Datasheet HTML 13Page - STMicroelectronics TDA7546TR Datasheet HTML 14Page - STMicroelectronics TDA7546TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
TDA7546
Pin description
11/68
Note:
All NC pins can be connected to Ground.
2.1
Thermal data
65
48
VREF1
5V Reference
66
49
GNDVCC2
Analog Ground
67
Not Connected
68
50
IF1AMP2OUT
IF1 Amplifier 2 Output
69
51
VCC2
Analog Supply
70
52
IF1AMP2IN
IF1 Amplifier 2 Input
71
53
IF1REF
IF1 Amplifier Reference
72
54
IF1AMP1OUT
IF1 Amplifier 1 Output
73
55-56
VCC
Supply
74
57
IF1AMP1IN
IF1 Amplifier 1 Input
75
58
ISS
ISS Filter Status
76
59
GNDIF1
FM IF1 Ground
77
60
IFAGCIN
IF AGC Input
78
61
VCCIF1
IF1 Supply
79
63
MIX1OUT2
Mixer1 Ouput 2
80
64
MIX1OUT1
Mixer1 Ouput 1
Table 1.
Pin configuration (continued)
TDA7546
FM Tuner
RDS Decoder
Name
Function
TDA7512F
TDA7333N
Table 2.
Thermal data
Symbol
Parameter
Value
Units
RTh j-amb
Thermal Resistance junction to ambient – IC soldered on multilayer PCB
53
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com